Part Number Hot Search : 
20010 TB2118FG 1N6303 KA7812 67A42 UNR31 AN011 3X221
Product Description
Full Text Search
 

To Download ZPY24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZPY10 2% ... ZPY200 2% (1.3 W)
ZPY10 2% ... ZPY200 2% (1.3 W)
Silicon Power Z-Diodes (non-planar technology) Silizium-Leistungs-Z-Dioden (flachendiffundierte Dioden) Version 2006-06-08 Maximum power dissipation Maximale Verlustleistung
O 2.6
-0.1
1.3 W 10...200 V DO-41 (DO-204AL) 0.4 g
Nominal Z-voltage Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
0.5
Type
62.5
O 0.80.05
Dimensions - Mae [mm]
Standard Zener voltage tolerance is graded to the international E 24 standard (~ 5%). The devices ZPY10 2% ... ZPY200 2% are specially selected. Other voltage tolerances and Zener voltages on request. Die Standard-Toleranz der Z-Spannung ist gestuft nach der internationalen Reihe E 24 (~ 5%). Die Reihe ZPY10 2% ... ZPY200 2% ist eine Sonderselektion. Andere Toleranzen oder Zener-Spannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung Non repetitive peak power dissipation, t < 10 ms Einmalige Impuls-Verlustleistung, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Anschluss
2
5.1
-0.1
Grenz- und Kennwerte TA = 50C TA = 25C Ptot PZSM Tj TS RthA RthT 1.3 W 1) 40 W -50...+150C -50...+175C <45 K/W 1) <15 K/W
Zener voltages see table on next page - Zener-Spannungen siehe Tabelle auf der nachsten Seite
1 2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden Tested with pulses - Gemessen mit Impulsen http://www.diotec.com/
(c) Diotec Semiconductor AG
1
ZPY10 2% ... ZPY200 2% (1.3 W) Maximum ratings
Type Typ Zener voltage ) Zener-Spannung 2) IZ = IZtest Vzmin [V] ZPY10 2% ZPY11 2% ZPY12 2% ZPY13 2% ZPY15 2% ZPY16 2% ZPY18 2% ZPY20 2% ZPY22 2% ZPY24 2% ZPY27 2% ZPY30 2% ZPY33 2% ZPY36 2% ZPY39 2% ZPY43 2% ZPY47 2% ZPY51 2% ZPY56 2% ZPY62 2% ZPY68 2% ZPY75 2% ZPY82 2% ZPY91 2% ZPY100 2% ZPY110 2% ZPY120 2% ZPY130 2% ZPY150 2% ZPY160 2% ZPY180 2% ZPY200 2% 9.79 10.79 11.79 12.68 14.68 15.68 17.58 19.58 21.58 23.48 26.48 29.38 32.3 35.2 38.1 42.0 46.0 49.9 54.8 60.7 66.5 73.4 80.3 89.1 97.9 108 118 127 147 157 176 196 Vzmax [V] 10.21 11.21 12.21 13.32 15.32 16.32 18.42 20.42 22.42 24.52 27.52 30.62 33.8 36.8 39.9 44.0 48.0 52.1 57.2 63.3 69.5 76.6 83.7 92.9 102.1 112 122 133 153 163 184 204
2
Grenzwerte
Test current Mess-Strom IZtest [mA] 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 Dynamic resistance Diff. Widerstand IZtest / f = 1 kHz rzj [] 2 (<4) 4 (<7) 4 (<7) 5 (<10) 5 (<10) 6 (<15) 6 (<15) 6 (<15) 6 (<15) 7 (<15) 7 (<15) 8 (<15) 8 (<15) 16 (<40) 20 (<40) 24 (<45) 24 (<45) 25 (<60) 25 (<60) 25 (<80) 25 (<80) 30 (<100) 30 (<100) 40 (<200) 60 (<200) 80 (<250) 80 (<250) 90 (<300) 100 (<300) 110 (<350) 120 (<350) 150 (<350) Temp. Coeffic. of Z-voltage ...der Z-Spannung VZ [10-4 /C] +5...+9 +5...+10 +5...+10 +5...+10 +5...+10 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +6...+11 +7...+12 +7...+12 +7...+12 +7...+12 +8...+13 +8...+13 +8...+13 +8...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 +9...+13 Reverse volt. Sperrspanng. IR = 1 A VR [V] >5 >5 >7 >7 > 10 > 10 > 10 > 10 > 12 > 12 > 14 > 14 > 17 > 17 > 20 > 20 > 24 > 24 > 28 > 28 > 34 > 34 > 41 > 41 > 50 > 50 > 60 > 60 > 75 > 75 > 90 > 90 Z-current 1) Z-Strom 1) TA = 50C IZmax [mA] 123 112 102 92 83 76 68 61 56 51 45 41 37 34 32 28 26 24 22 20 18 16 15 14 12 12 11 10 8 8 7 6
1
Notes see previous page - Funoten siehe vorhergehende Seite http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of ZPY24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X